Part Number Hot Search : 
43020 MACPE DM16216 40174BT 21008 15KE170A AON6546 87C196KD
Product Description
Full Text Search
 

To Download AZ393MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
General Description
The AZ393/393C series consists of two independent precision voltage comparators with an offset voltage specification as low as 1mV. The input common mode voltage range of these comparators includes ground, even when operated from a single power supply voltage. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. The AZ393/393C series is designed to directly interface with TTL and CMOS. AZ393C has more stringent input offset voltage than AZ393.
Features
* Wide Supply Voltage Range - Single Supply: 2.0V to 18V - Dual Supplies: 1.0V to 9V Very Low Supply Current Drain: 0.4mA - Independent of Supply Voltage Low Input Bias Current: 25nA (Typical) Low Input Offset Current: 5nA (Typical) Low Input Offset Voltage: 1mV (Typical) Input Common Mode Voltage Range Includes Ground Differential Input Voltage Range Equals to the Power Supply Voltage Low Output Saturation Voltage: 250mV at 4mA Open Collector Output
* * * * * * * *
The AZ393/393C series can be widely used in applications such as battery charger, cordless telephone, switching power supply, DC-DC module and PC motherboard. The AZ393/393C series are available in standard packages of DIP-8 and SOIC-8.
Applications
* * * * * * Battery Charger Cordless Telephone Switching Power Supply DC-DC Module PC Motherboard Communication Equipment
SOIC-8
DIP-8
Figure 1. Package Types of AZ393/393C
Aug. 2006 Rev. 1. 2 1
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Pin Configuration
M Package/P Package
(SOIC-8/DIP-8) 1 2 3 4 8 7 6 5
OUTPUT1 INPUT1INPUT1+ GND
VCC OUTPUT2 INPUT2INPUT2+
Top View Figure 2. Pin Configuration of AZ393/393C
Functional Block Diagram
VCC
3.5A
100A
3.5A
100A
+INPUT
Q2 Q1
Q3 Q4
OUTPUT -INPUT
Q7 Q8
Q5
Q6
Figure 3. Functional Block Diagram of AZ393/393C (Each Comparator)
Aug. 2006 Rev. 1. 2 2
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Ordering Information
AZ393
E1: Lead Free Blank: Tin Lead TR: Tape and Reel Blank: Tube
Circuit Type
Blank: AZ393 C: AZ393C
Package M: SOIC-8 P: DIP-8
Package
Input Offset Voltage 5mV
Part Number Tin Lead AZ393M AZ393MTR AZ393CM AZ393CMTR AZ393P AZ393CP Lead Free AZ393M-E1 AZ393MTR-E1 AZ393CM-E1 AZ393CMTR-E1 AZ393P-E1 AZ393CP-E1
Marking ID Tin Lead AZ393M AZ393M 393CM 393CM AZ393P AZ393CP Lead Free AZ393M-E1 AZ393M-E1 393CM-E1 393CM-E1 AZ393P-E1 AZ393CP-E1
Packing Type Tube Tape & Reel Tube Tape & Reel Tube Tube
SOIC-8
Maximum Value
5mV 2mV 2mV
DIP-8
Maximum Value
5mV 2mV
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Aug. 2006 Rev. 1. 2 3
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Absolute Maximum Ratings (Note 1)
Parameter Supply Voltage Differential Input Voltage Input Voltage Input Current (VIN < -0.3V) (Note 2) Power Dissipation (TA=25oC) Output Short Circuit to Ground
Operating Junction Temperature TJ TSTG TLEAD
Symbol
VCC VID VIN IIN
Value 20 20 -0.3 to 20 50 DIP-8 780 660
150
Unit V V V mA mW
PD
SOIC-8 Continuous
o
C
Storage Temperature Range Lead Temperature (Soldering, 10 seconds)
-65 to 150 260
oC o
C
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability. Note 2: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3 VDC (at 25oC).
Recommended Operating Conditions
Parameter Supply Voltage Operating Temperature Range
Symbol VCC TA
Min 2 -40
Max 18 85
Unit V
oC
Aug. 2006 Rev. 1. 2 4
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Electrical Characteristics
VCC=5V, GND=0V, TA=25oC, unless otherwise specified. Parameter
Input Offset Voltage
Conditions
AZ393 (Note 3) AZ393C
Min
Typ 1.0 1.0 25 5.0
Max 5.0 2.0 250 50
VCC - 1.5
Unit
mV
Input Bias Current Input Offset Current Input Common Mode Voltage Range
Supply Current
IIN+ or IIN- with output in linear range, VCM=0V, (Note 4) IIN+-IIN-, VCM=0V VCC=15V (Note 5) RL=, VCC=5V RL=, VCC=18V RL15K, VCC=15V, VO=1V to 11V VIN=TTL logic swing, VREF=1.4V, VRL=5V, RL=5.1k VRL=5V, RL=5.1k, (Note 6) VIN-=1V, VIN+=0, VO 1.5V VIN-=1V, VIN+=0, ISINK 4mA VIN-=0, VIN+=1V, VO=5V 6.0 50 0
nA nA V
0.4 1.0 200 300 1.3 16 250 0.1
1.0 2.5
mA
Voltage Gain Large Signal Response Time Response Time Output Sink Current Saturation Voltage Output Leakage Current
V/mV ns
s
mA 400 mV nA
Note 3: At output switch point, VO=1.4V, RS=0 with VCC from 5V to 15V, and over the full common-mode range (0V to VCC-1.5V), at 25oC. Note 4: The direction of the input current is out of the PNP input stage. This current is essentially constant, independent of the state of the output, so no loading charge exists on the reference of input lines. Note 5: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC-1.5V, but either or both inputs can go to +18V without damage, independent of the magnitude of VCC. Note 6: The response time specified is a 100mV input step with 5mV overdrive. For large overdrive signals 300ns can be obtained.
Aug. 2006 Rev. 1. 2 5
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Typical Performance Characteristics
0.7
-40C
0.6
o
30
-40C
25
o
Supply Current (mA)
25C
0.5
o
85C
0.4
o
Input Current (nADC)
25C
20
o
85C
15
o
0.3
10
0.2
0.1
5
0.0 0 2 4 6 8 10 12 14 16 18
0 0 2 4 6 8 10 12 14 16 18
Supply Voltage (VDC)
Supply Voltage (VDC)
Figure 4. Supply Voltage vs. Supply Current
Figure 5. Supply Voltage vs. Input Current
10
Output Voltage
6V 4V 2V 0 105mV
VOUT VOUT
5V
Saturation Voltage (VDC)
1
VIN VIN
5.1K VIN _
5V
Input Voltage
0.1
VOUT
100mV
+
5.1K VIN _ VOUT
85C
0.01
o
25C
o
o
5mV
100mV
+
-40C
1E-3 0.01
0.1
1
10
100
Output Sink Current (mA)
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
Time (s)
Figure 6. Output Sink Current vs. Saturation Voltage
6V
Figure 7. Response Time for 5mV Input Overdrive Negative Transition
Output Voltage
4V 2V 0V 195mV
5V
5.1K
VOUT
VIN
_ VOUT
100mV
+
Input Voltage
VIN
95mV
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Time (s)
Figure 8. Response Time for 5mV Input Overdrive Positive Transition
Aug. 2006 Rev. 1. 2 6
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Typical Application
VCC
+5.0V
3K +VIN
+
8
+
1/2 AZ393/C
1/2 AZ393/C VO
100K
1/4 MM54CXX 4
+VREF
-
Figure 9. Basic Comparator
Figure 10. Driving CMOS/TTL
VCC
VCC
4.3K
1M 10K 100pF +VIN IN914 1M 1/2 AZ393/C
75pF -
100K
VO
1/2 AZ393/C + VO
+
0.001F
VIN
100K
1M
IN914
100K
Figure 11. One Shot Multivibrator
Figure 12. Squarewave Oscillator
Aug. 2006 Rev. 1. 2 7
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Mechanical Dimensions DIP-8 Unit: mm(inch)
0.700(0.028) 7.620(0.300)TYP 1.524(0.060) TYP
6
6
5
3.710(0.146) 4.310(0.170) 4
3.200(0.126) 3.600(0.142)
4
3.000(0.118) 3.600(0.142)
0.510(0.020)MIN
0.254(0.010)TYP 0.360(0.014) 0.560(0.022) 2.540(0.100) TYP 0.130(0.005)MIN
0.204(0.008) 0.360(0.014) 8.200(0.323) 9.400(0.370)
R0.750(0.030) 3.000(0.118) Depth 0.100(0.004) 0.200(0.008) 9.000(0.354) 9.400(0.370)
6.200(0.244) 6.600(0.260)
Aug. 2006 Rev. 1. 2 8
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C
Mechanical Dimensions (Continued) SOIC-8 Unit: mm(inch)
4.800(0.189) 5.000(0.197) 7 1.350(0.053) 1.750(0.069)
0.320(0.013)
8
7
8
0.675(0.027) 0.725(0.029)
D
5.800(0.228) 6.200(0.244)
D 20:1
1.270(0.050) TYP
0.100(0.004) 0.300(0.012) R0.150(0.006)
0.800(0.031)
0.200(0.008)
1.000(0.039) 3.800(0.150) 4.000(0.157)
0 8
0.330(0.013) 0.510(0.020) 0.900(0.035)
1 5
R0.150(0.006)
0.190(0.007) 0.250(0.010)
Aug. 2006 Rev. 1. 2 9
BCD Semiconductor Manufacturing Limited
http://www.bcdsemi.com
IMPORTANT NOTICE BCD Semiconductor Manufacturing Limited reserves the right to make changes without further notice to any products or specifications herein. BCD Semiconductor Manufacturing Limited does not assume any responsibility for use of any its products for any particular purpose, nor does BCD Semiconductor Manufacturing Limited assume any liability arising out of the application or use of any its products or circuits. BCD Semiconductor Manufacturing Limited does not convey any license under its patent rights or other rights nor the rights of others.
MAIN SITE BCD Semiconductor Manufacturing Limited
- Wafer Fab Shanghai SIM-BCD Semiconductor Manufacturing Limited 800, Yi Shan Road, Shanghai 200233, China Tel: +86-21-6485 1491, Fax: +86-21-5450 0008
BCD Semiconductor Manufacturing Limited
- IC Design Group Advanced Analog Circuits (Shanghai) Corporation 8F, Zone B, 900, Yi Shan Road, Shanghai 200233, China Tel: +86-21-6495 9539, Fax: +86-21-6485 9673
REGIONAL SALES OFFICE
Shenzhen Office Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd. Shenzhen Office Advanced Analog Circuits (Shanghai) Corporation Shenzhen Office 27B, Tower C, 2070, Middle Shen Nan Road, Shenzhen 518031, China Tel: +86-755-8368 3987, Fax: +86-755-8368 3166 Taiwan Office BCD Semiconductor (Taiwan) Company Limited 4F, 298-1, Rui Guang Road, Nei-Hu District, Taipei, Taiwan Tel: +886-2-2656 2808, Fax: +886-2-2656 2806 USA Office BCD Semiconductor Corporation 3170 De La Cruz Blvd., Suite 105, Santa Clara, CA 95054-2411, U.S.A Tel: +1-408-988 6388, Fax: +1-408-988 6386


▲Up To Search▲   

 
Price & Availability of AZ393MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X